PART |
Description |
Maker |
EM640FR16DW-10L EM640FS16DW-10L EM641FR16DW-10L EM |
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
http:// Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|
EM6160FV16CW45LL EM7160FV16CW45LL EM6640FV16CW45LL |
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|
MX27C1000A MX27C1000AMC-10 MX27C1000AMC-12 MX27C10 |
1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 125
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
28C010TRTDI-15 28C010TRPFB-15 28C010TRT2DI-12 28C0 |
1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 POT 200K OHM THUMBWHEEL CERM ST 128K X 8 EEPROM 5V, 200 ns, DFP32 150 x 32 pixel format, LED Backlight available 128K X 8 EEPROM 5V, 120 ns, DIP32 Low Profile Power Inductor; Inductor Type:Power; Inductance:1uH; Inductance Tolerance: /- 20 %; Series:HC2LP; Core Material:Ferrite; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Voltage Rating:400VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.068uF; Capacitance Tolerance: /- 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
http:// Maxwell Technologies, Inc
|
GM71C18163BT-8 GM71C18163BJ-6 GM71C18163BJ-8 GM71C |
1,048,576 words x 16 bit DRAM, 80ns, low power 1,048,576 words x 16 bit DRAM, 70ns, low power 1,048,576 words x 16 bit DRAM, 60ns, low power x16 EDO Page Mode DRAM x16 EDO公司页面模式的DRAM
|
LG Semiconductor
|
IDT71T024L200PZI IDT71T024 IDT71T024L150PZ IDT71T0 |
LOW POWER 2V CMOS SRAM 1 MEG (128K x 8-BIT) 128K X 8 STANDARD SRAM, 150 ns, PDSO32
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
EM6160FR16AW-12LF EM6160FV16AW-12LF EM6161FR16AW-1 |
512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Sol... Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|
K6F8016T6C K6F8016T6C-FF55 K6F8016T6C-FF70 |
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
EM640FU16E |
256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
K6F8016U6D-XF70 K6F8016U6D K6F8016U6D-FF55 K6F8016 |
512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 12k x16位超低功耗和低电压的CMOS静态RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
EM6160FS32CW85L EM6160FV32CW85L EM6161FS32CW85L EM |
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|